Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1423 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1423
Description  1째C Temperature Sensor with Hardware Thermal Shutdown
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1423 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1423 Datasheet HTML 17Page - SMSC Corporation EMC1423 Datasheet HTML 18Page - SMSC Corporation EMC1423 Datasheet HTML 19Page - SMSC Corporation EMC1423 Datasheet HTML 20Page - SMSC Corporation EMC1423 Datasheet HTML 21Page - SMSC Corporation EMC1423 Datasheet HTML 22Page - SMSC Corporation EMC1423 Datasheet HTML 23Page - SMSC Corporation EMC1423 Datasheet HTML 24Page - SMSC Corporation EMC1423 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
1°C Temperature Sensor with Hardware Thermal Shutdown
Datasheet
SMSC EMC1423/EMC1424
21
Revision 1.16 (03-15-07)
DATASHEET
5.5
Beta Compensation
The EMC1423 and EMC1424 are configured to monitor the temperature of basic diodes (e.g. 2N3904),
or CPU thermal diodes. It automatically detects the type of external diode (CPU diode or diode
connected transistor) and determines the optimal setting to reduce temperature errors introduced by
beta variation for the External Diode 1 channel only.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at 100°C. However for substrate transistors where the base-emitter junction
is used for temperature measurement and the collector is tied to the substrate, the proportional beta
variation will cause large error. For example, a 10% variation in beta for two forced emitter currents
with a transistor whose ideal beta is 0.5 would contribute approximately 8.25°C error at 100°C.
The External Diode 2 and External Diode 3 channels do not support Beta Compensation.
5.6
Resistance Error Correction (REC)
Parasitic resistance in series with the external diodes will limit the accuracy obtainable from
temperature measurement devices. The voltage developed across this resistance by the switching
diode currents cause the temperature measurement to read higher than the true temperature.
Contributors to series resistance are PCB trace resistance, on die (i.e. on the processor) metal
resistance, bulk resistance in the base and emitter of the temperature transistor. Typically, the error
caused by series resistance is +0.7°C per ohm. The EMC1423 and EMC1424 automatically correct up
to 100 ohms of series resistance.
5.7
Programmable External Diode Ideality Factor
The EMC1423 and EMC1424 do not support a programmable Ideality Factor for the External Diode 1
channel. It is hard-wired for an ideality factor of 1.008.
The EMC1423 External Diode 2 channel defaults to measuring external diodes with an ideality factor
of 1.008. Likewise, the EMC1424 External Diode 2 and 3 channels default to measuring external
diodes with an ideality factor of 1.008.
Not all external diodes, processor or discrete, will have this exact value. This variation of the ideality
factor introduces error in the temperature measurement which must be corrected for. This correction
is typically done using programmable offset registers. Since an ideality factor mismatch introduces an
error that is a function of temperature, this correction is only accurate within a small range of
Figure 5.4 Isolating ALERT and SYS_SHDN Pins
SMDATA
SMCLK
ALERT
VDD
DP1
DN1
SYS_SHDN
GND
1
2
3
4
10
9
8
7
+3.3V
Shared Alert/
22K
4.7K -
33K
+2.5 - 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com