Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B280 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B280
Description  2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B280 Datasheet(HTML) 1 Page - Diodes Incorporated

  B280 Datasheet HTML 1Page - Diodes Incorporated B280 Datasheet HTML 2Page - Diodes Incorporated B280 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B270 - B2100
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
•
Schottky Barrier Chip
•
Guard Ring Die Construction for Transient Protection
•
Low Power Loss, High Efficiency
•
Surge Overload Rating to 50A Peak
•
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Application
•
High Temperature Soldering: 260°C/10 Second at Terminal
•
Lead Free Finish/RoHS Compliant (Note 3)
Mechanical Data
•
Case: SMB
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band or Cathode Notch
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.093 grams (approximate)
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B270
B280
B290
B2100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
@ TT = 125°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
50
A
Forward Voltage @ IF = 2.0A
@ TA = 25°C
@ TA = 100°C
VFM
0.79
0.69
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 100°C
IRM
0.5
15
mA
Typical Total Capacitance (Note 2)
CT
75
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RθJT
15
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Valid provided that terminals are kept at ambient temperature.
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3
RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
DS30021 Rev. 6 - 2
1 of 3
www.diodes.com
B270-B2100
© Diodes Incorporated
SPICE MODEL: B270 B280 B290 B2100


Similar Part No. - B280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B280 DIODES-B280 Datasheet
44Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
logo
Compact Technology Corp...
B280 CTC-B280 Datasheet
85Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
B280A CTC-B280A Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B280A WEITRON-B280A Datasheet
92Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B280A CTC-B280A Datasheet
69Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B280

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B270 DIODES-B270_10 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
DFLS2100 DIODES-DFLS2100 Datasheet
122Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS31475 Rev. 1 - 2
B2100-13 DIODES-B2100-13 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 11
B270 DIODES-B270_15 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 11
B270Q DIODES-B270Q Datasheet
420Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 1
B270 DIODES-B270_18 Datasheet
414Kb / 6P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 12
B270AE DIODES-B270AE Datasheet
377Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 4
DFLS2100 DIODES-DFLS2100_16 Datasheet
209Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
DFLS2100Q DIODES-DFLS2100Q Datasheet
211Kb / 5P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev erse
B2100A DIODES-B2100A Datasheet
199Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
January 2014 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com