Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B130LB Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B130LB
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130LB Datasheet(HTML) 2 Page - Diodes Incorporated

  B130LB Datasheet HTML 1Page - Diodes Incorporated B130LB Datasheet HTML 2Page - Diodes Incorporated B130LB Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30043 Rev. 8 - 2
2 of 3
B130LB
www.diodes.com
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T = 125
°C
j
T = 25
°C
j
0
0
1
2
25
50
75
100
125
150
T , CASE TEMPERATURE (
°C)
C
Fig. 1 Forward Current Derating Curve
3
4
5
T = 125
°C
j
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
f = 1.0MHz
T = 25
°C
j
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Peak Forward Surge Current
Single Half-Sine-Wave
0.01
0.1
1.0
10
100
0
V , RATED PEAK REVERSE VOLTAGE (V)
R
Fig. 5 Typical Reverse Characteristics
T = 100
°C
j
5
10
15
20
25
30
35
T = 25
°C
j



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com