Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC300C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HVC300C
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC300C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HVC300C Datasheet HTML 1Page - Renesas Technology Corp HVC300C Datasheet HTML 2Page - Renesas Technology Corp HVC300C Datasheet HTML 3Page - Renesas Technology Corp HVC300C Datasheet HTML 4Page - Renesas Technology Corp HVC300C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVC300C
Rev.1.00 Feb 04, 2005 page 3 of 4
Main Characteristic
0
10203040
50
1.0
10
60
50
20
10
0
0.5
30
40
30
f = 1MHz
1.0
10
0
0.4
0.8
1.2
1.6
0.5
2.0
30
0.2
0.6
1.0
1.4
1.8
f = 470MHz
0.5
1.0
10
-1.5
-1.0
-0.5
0
-2.0
30
10
–6
10
–8
10
–9
10
–10
10
–13
10
–7
10
–12
10
–11
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
Reverse voltage VR (V)
Fig.4 Linearity factor vs. Reverse voltage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com