Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN100 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN100
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN100 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN100 Datasheet HTML 1Page - Diodes Incorporated DMN100 Datasheet HTML 2Page - Diodes Incorporated DMN100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30049 Rev. 6 - 2
3 of 3
DMN100
www.diodes.com
Ordering Information
(Note 4)
Device
Packaging
Shipping
DMN100-7-F
SC-59
3000/Tape & Reel
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
0
0.05
0.10
-50
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs Junction Temperature
j
°
V= 4.5V, R
GS
DS @0.5A
V
= 10V, R
GS
DS @1.0A
0
50
150
100
0.15
0.20
0.25
0.30
0
0.5
1.0
1.5
2.0
2.5
01
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs Gate-Source Voltage
GS
V= 10V
GS
T= 25 C
A
°
3.0
3.5
23
4
5
4.0
M11
M11 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
Code
TU
VW
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
IMPORTANT NOTICE
LIFE SUPPORT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com