Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL821 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL821
Description  TEMPERATURE COMPENSATED ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL821 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL821 Datasheet HTML 1Page - Microsemi Corporation CDLL821 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
95
CDI
ZENER
ZENER
MAXIMUM
VOLTAGE
EFFECTIVE
TYPE
VOLTAGE
TEST
ZENER
TEMPERATURE
TEMPERATURE
NUMBER
CURRENT
IMPEDANCE
STABILITY
COEFFICIENT
V
Z
@ I
ZT
I
ZT
(Note 1)
³V
ZT
Z
ZT
-55° to +100°
(Note 2)
VOLTS
mA
OHMS
mV
% / °C
CDLL821
5.9 - 6.5
7.5
15
96
0.01
CDLL821A
5.9 - 6.5
7.5
10
96
0.01
CDLL822 †
5.9 - 6.5
7.5
15
96
0.01
CDLL823
5.9 - 6.5
7.5
15
48
0.005
CDLL823A
5.9 - 6.5
7.5
10
48
0.005
CDLL824 †
5.9 - 6.5
7.5
15
48
0.005
CDLL825
5.9 - 6.5
7.5
15
19
0.002
CDLL825A
5.9 - 6.5
7.5
10
19
0.002
CDLL826
6.2 - 6.9
7.5
15
20
0.002
CDLL827
5.9 - 6.5
7.5
15
9
0.001
CDLL827A
5.9 - 6.5
7.5
10
9
0.001
CDLL828
6.2 - 6.9
7.5
15
10
0.001
CDLL829
5.9 - 6.5
7.5
15
5
0.0005
CDLL829A
5.9 - 6.5
7.5
10
5
0.0005
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 2 µA @ 25°C & VR = 3 Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
† Double Anode: Electrical Specifications Apply Under Both Bias Polarities.
NOTE 1
Zener impedance is derived by superimposing on lZT A 60Hz rms a.c. current
equal to 10% of lZT.
NOTE 2
The maximum allowable change observed over the entire temperature range i.e.,
the diode voltage will not exceed the specified mV at any discrete temperature
between the established limits, per JEDEC standard No.5.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
• 1N821UR-1, 1N823UR-1, 1N825UR-1, 1N827UR-1 AND 1N829UR-1 AVAILABLE
IN
JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/159
• TEMPERATURE COMPENSATED ZENER DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• 6.2 AND 6.55 VOLT NOMINAL ZENER VOLTAGES
• METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N821UR-1 thru 1N829UR-1
and
CDLL821 thru CDLL829A
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.


Similar Part No. - CDLL821

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
CDLL821A CDI-DIODE-CDLL821A Datasheet
41Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
More results

Similar Description - CDLL821

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4916 CDI-DIODE-CDLL4916 Datasheet
77Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
CDLL821 CDI-DIODE-CDLL821 Datasheet
41Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
logo
Microsemi Corporation
1N4565 MICROSEMI-1N4565 Datasheet
257Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935BUR-1 MICROSEMI-1N935BUR-1 Datasheet
535Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154UR-1 MICROSEMI-1N3154UR-1 Datasheet
108Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N3154 NJSEMI-1N3154 Datasheet
86Kb / 1P
temperature compensated zener diodes
logo
Digitron Semiconductors
1N3154 DIGITRON-1N3154 Datasheet
171Kb / 2P
TEMPERATURE COMPENSATED ZENER DIODES
logo
American Microsemicondu...
1N4575 AMMSEMI-1N4575 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583A AMMSEMI-1N4583A Datasheet
311Kb / 1P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com