Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1106 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ISP1106
Description  Advanced Universal Serial Bus transceivers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1106 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ISP1106 Datasheet HTML 14Page - NXP Semiconductors ISP1106 Datasheet HTML 15Page - NXP Semiconductors ISP1106 Datasheet HTML 16Page - NXP Semiconductors ISP1106 Datasheet HTML 17Page - NXP Semiconductors ISP1106 Datasheet HTML 18Page - NXP Semiconductors ISP1106 Datasheet HTML 19Page - NXP Semiconductors ISP1106 Datasheet HTML 20Page - NXP Semiconductors ISP1106 Datasheet HTML 21Page - NXP Semiconductors ISP1106 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Philips Semiconductors
ISP1105/1106/1107
Advanced USB transceivers
Product data
Rev. 06 — 30 November 2001
18 of 24
9397 750 08872
© Koninklijke Philips Electronics N.V. 2001. All rights reserved.
13. Packaging
The ISP1105/1106/1107W (HBCC16 package) is delivered on a Type A carrier tape,
see Figure 14. The tape dimensions are given in Table 17.
The reel diameter is 330 mm. The reel is made of polystyrene (PS) and is not
designed for use in a baking process.
The cumulative tolerance of 10 successive sprocket holes is
±0.02 mm. The camber
must not exceed 1 mm in 100 mm.
Fig 14. Carrier tape dimensions.
Table 17:
Type A carrier tape dimensions for ISP1105/1106/1107W
Dimension
Value
Unit
A0
3.3
mm
B0
3.3
mm
K0
1.1
mm
P1
8.0
mm
W
12.0
±0.3
mm
idth
MLC338
Type B
Type A
B0
4
W
K0
A0
4
K0
A0
P1
B0
P1
elongated
sprocked hole
direction of feed
W
direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com