Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1122D
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122D Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1122D Datasheet HTML 1Page - NXP Semiconductors ISP1122D Datasheet HTML 2Page - NXP Semiconductors ISP1122D Datasheet HTML 3Page - NXP Semiconductors ISP1122D Datasheet HTML 4Page - NXP Semiconductors ISP1122D Datasheet HTML 5Page - NXP Semiconductors ISP1122D Datasheet HTML 6Page - NXP Semiconductors ISP1122D Datasheet HTML 7Page - NXP Semiconductors ISP1122D Datasheet HTML 8Page - NXP Semiconductors ISP1122D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
2 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
s Full-scan design with high test coverage
s Available in 32-pin SDIP, SO and LQFP packages.
3.
Ordering information
4.
Block diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
ISP1122D
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1
ISP1122NB
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1
ISP1122BD
LQFP32
plastic low profile quad flat package; 32 leads; body 7 x 7 x 1.4 mm
SOT358-1
This is a conceptual block diagram and does not include each individual signal.
Fig 1.
Block diagram.
MGR774
I2C-BUS
INTERFACE
HUB
REPEATER
ISP1122
ANALOG
Tx/Rx
D
+ D− overcurrent
detection
downstream
port 1
LED/
power switch
GoodLink/
POWER SWITCH/
OC DETECT
ANALOG
Tx/Rx
D
+ D− overcurrent
detection
downstream
port 2
LED/
power switch
GoodLink/
POWER SWITCH/
OC DETECT
ANALOG
Tx/Rx
D
+ D− overcurrent
detection
downstream
port 3
LED/
power switch
GoodLink/
POWER SWITCH/
OC DETECT
ANALOG
Tx/Rx
D
+ D− overcurrent
detection
downstream
port 4
LED/
power switch
GoodLink/
POWER SWITCH/
OC DETECT
ANALOG
Tx/Rx
D
+ D−
full
speed
upstream
port
LED
HUB
GoodLink
ANALOG
Tx/Rx
D
+ D− overcurrent
detection
self/bus
powered
downstream
port 5
LED/
power switch
GoodLink/
POWER SWITCH/
OC DETECT
HUB
CONTROLLER
PACKET
GENERATOR
GENERAL
PORT
CONTROLLER
END OF
FRAME
TIMERS
PHILIPS
SIE
BIT CLOCK
RECOVERY
PLL
6 MHz
SUPPLY
REGULATOR
VCC
3.3 V
5 V
Vreg(3.3)
SDA
INDV
OPTION
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com