Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1122BD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1122BD
Description  Universal Serial Bus stand-alone hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1122BD Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1122BD Datasheet HTML 1Page - NXP Semiconductors ISP1122BD Datasheet HTML 2Page - NXP Semiconductors ISP1122BD Datasheet HTML 3Page - NXP Semiconductors ISP1122BD Datasheet HTML 4Page - NXP Semiconductors ISP1122BD Datasheet HTML 5Page - NXP Semiconductors ISP1122BD Datasheet HTML 6Page - NXP Semiconductors ISP1122BD Datasheet HTML 7Page - NXP Semiconductors ISP1122BD Datasheet HTML 8Page - NXP Semiconductors ISP1122BD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Philips Semiconductors
ISP1122
USB stand-alone hub
Product specification
Rev. 03 — 29 March 2000
4 of 48
9397 750 07002
© Philips Electronics N.V. 2000. All rights reserved.
OC2
8
AI/I
overcurrent sense input for downstream port 2 (analog [5])
OC3
9
AI/I
overcurrent sense input for downstream port 3 (analog [5])
OC4
10
AI/I
overcurrent sense input for downstream port 4 (analog [5])
OC5/GOC [3]
11
AI/I
modes 5, 7: overcurrent sense input for downstream port 5
(analog [5])
modes 0, 1, 3: global overcurrent sense input (analog [5])
DM4
12
AI/O
downstream port 4 D
− connection (analog) [4]
DP4
13
AI/O
downstream port 4 D
+ connection (analog) [4]
SP/BP
14
I
selects power mode:
self-powered: connect to VDD (local power supply); also use
this mode for hybrid-powered operation
bus-powered: connect to GND; disable downstream port 5 to
meet supply current requirements [4]
HUBGL
15
O
hub GoodLink LED indicator output (open-drain, 6 mA);
to connect an LED use a 330
Ω series resistor; if unused
connect to VCC via a 10 kΩ resistor
PSW3/GL3 [3]
16
O
modes 4 to 6: power switch control output for downstream
port 3 (open-drain, 6 mA)
modes 0 to 3, 7: GoodLink LED indicator output for
downstream port 3 (open-drain, 6 mA); to connect an LED
use a 330
Ω series resistor
PSW4/GL4 [3]
17
O
modes 4 to 6: power switch control output for downstream
port 4 (open-drain, 6 mA)
modes 0 to 3, 7: GoodLink LED indicator output for
downstream port 4 (open-drain, 6 mA); to connect an LED
use a 330
Ω series resistor
PSW5/GL5/
GPSW [3]
18
O
mode 5: power switch control output for downstream port 5
(open-drain, 6 mA)
modes 3, 7: GoodLink LED indicator output for downstream
port 5 (open-drain, 6 mA); to connect an LED use a 330
Ω
series resistor
modes 0 to 2: gang mode power switch control output
(open-drain, 6 mA)
XTAL1
19
I
crystal oscillator input (6 MHz)
XTAL2
20
O
crystal oscillator output (6 MHz)
RESET [2]
21
I
reset input (Schmitt trigger); a LOW level produces an
asynchronous reset; connect to VCC for power-on reset
(internal POR circuit)
OPTION/SCL
22
I/O
mode selection input; also functions as I2C-bus clock output
(open-drain, 6 mA)
INDV/SDA
23
I/O
selects individual (HIGH) or global (LOW) power switching
and overcurrent detection; also functions as bidirectional
I2C-bus data line (open-drain, 6 mA)
DM5
24
AI/O
downstream port 5 D
− connection (analog) [4]
DP5
25
AI/O
downstream port 5 D
+ connection (analog) [4]
DM1
26
AI/O
downstream port 1 D
− connection (analog) [6]
Table 2:
Pin description for SO32 and SDIP32…continued
Symbol [1]
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com