Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L78M05 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L78M05
Description  Positive voltage regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M05 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L78M05 Datasheet HTML 2Page - STMicroelectronics L78M05 Datasheet HTML 3Page - STMicroelectronics L78M05 Datasheet HTML 4Page - STMicroelectronics L78M05 Datasheet HTML 5Page - STMicroelectronics L78M05 Datasheet HTML 6Page - STMicroelectronics L78M05 Datasheet HTML 7Page - STMicroelectronics L78M05 Datasheet HTML 8Page - STMicroelectronics L78M05 Datasheet HTML 9Page - STMicroelectronics L78M05 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Electrical characteristics
L78M00 series
6/30
4
Electrical characteristics
Table 3.
Electrical characteristics of L78M05C (refer to the test circuits, TJ = 25°C, VI = 10V,
IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
4.8
5
5.2
V
VO
Output voltage
IO = 5 to 350 mA, VI = 7 to 20 V
4.75
5
5.25
V
∆VO
Line regulation
VI = 7 to 25 V, IO = 200 mA
100
mV
VI = 8 to 25 V, IO = 200 mA
50
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
100
mV
IO = 5 to 200 mA, TJ = 25°C
50
Id
Quiescent current
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 8 to 25 V
0.8
∆VO/∆T Output voltage drift
IO = 5 mA, TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120Hz, IO = 300mA
62
dB
eN
Output noise voltage
B =10Hz to 100KHz
40
µV
Vd
Dropout voltage
2
V
Isc
Short circuit current
VI = 35 V
300
mA
Table 4.
Electrical characteristics of L78M06C (refer to the test circuits, TJ = 25°C, VI = 11V,
IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
5.75
6
6.25
V
VO
Output voltage
IO = 5 to 350 mA, VI = 8 to 21 V
5.7
6
6.3
V
∆VO
Line regulation
VI = 8 to 25 V, IO = 200 mA
100
mV
VI = 9 to 25 V, IO = 200 mA
50
∆VO
Load regulation
IO = 5 to 500 mA, TJ = 25°C
120
mV
IO = 5 to 200 mA, TJ = 25°C
60
Id
Quiescent current
6
mA
∆Id
Quiescent current change
IO = 5 to 350 mA
0.5
mA
IO = 200 mA, VI = 9 to 25 V
0.8
∆VO/∆T Output voltage drift
IO = 5 mA, TJ = 0 to 125°C
-0.5
mV/°C
SVR
Supply voltage rejection
VI = 9 to 19 V, f = 120Hz, IO = 300mA
59
dB
eN
Output noise voltage
B =10Hz to 100KHz
45
µV
Vd
Dropout voltage
2
V
Isc
Short circuit current
VI = 35 V
270
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com