Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1161 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1161
Description  Full-speed Universal Serial Bus single-chip host and device controller
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1161 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1161 Datasheet HTML 17Page - NXP Semiconductors ISP1161 Datasheet HTML 18Page - NXP Semiconductors ISP1161 Datasheet HTML 19Page - NXP Semiconductors ISP1161 Datasheet HTML 20Page - NXP Semiconductors ISP1161 Datasheet HTML 21Page - NXP Semiconductors ISP1161 Datasheet HTML 22Page - NXP Semiconductors ISP1161 Datasheet HTML 23Page - NXP Semiconductors ISP1161 Datasheet HTML 24Page - NXP Semiconductors ISP1161 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
Philips Semiconductors
ISP1161
Full-speed USB single-chip host and device controller
Product data
Rev. 01 — 3 July 2001
21 of 130
9397 750 08313
© Philips Electronics N.V. 2001. All rights reserved.
Bits RESET, RESUME, EOT and SOF are cleared upon reading the Interrupt
Register. The endpoint bits (EP0OUT to EP14) are cleared by reading the associated
Endpoint Status Register.
Bit BUSTATUS follows the USB bus status exactly, allowing the firmware to get the
current bus status when reading the Interrupt Register.
SETUP and OUT token interrupts are generated after ISP1161’s DC has
acknowledged the associated data packet. In bulk transfer mode, the ISP1161’s DC
will issue interrupts for every ACK received for an OUT token or transmitted for an IN
token.
In isochronous mode, an interrupt is issued upon each packet transaction. The
firmware must take care of timing synchronization with the host. This can be done via
the Pseudo Start-Of-Frame (PSOF) interrupt, enabled via bit IEPSOF in the Interrupt
Enable Register. If a Start-Of-Frame is lost, PSOF interrupts are generated every
1 ms. This allows the firmware to keep data transfer synchronized with the host. After
3 missed SOF events the ISP1161’s DC will enter ‘suspend’ state.
An alternative way of handling isochronous data transfer is to enable both the SOF
and the PSOF interrupts and disable the interrupt for each isochronous endpoint.
Fig 22. DC interrupt logic.
MGT946
RESET
SUSPND
RESUME
SOF
EP14
...
EP0IN
..
.
..
.
..
.
..
.
EP0OUT
EOT
IERST
DC Interrupt register
DC Interrupt Enable register
IESUSP
IERESM
IESOF
IEP14
...
IEP0IN
IEP0OUT
IEEOT
DC Device Mode register
INTENA
INTLVL
DC Hardware Configuration
register
INTPOL
PULSE
GENERATOR
INT2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com