Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST2222A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST2222A
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST2222A Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST2222A Datasheet HTML 1Page - Diodes Incorporated MMST2222A Datasheet HTML 2Page - Diodes Incorporated MMST2222A Datasheet HTML 3Page - Diodes Incorporated MMST2222A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30080 Rev. 8 - 2
3 of 4
MMST2222A
www.diodes.com
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature
A
100
150
200
0
1
10
1000
100
0.1
1
10
1000
100
I , COLLECTOR CURRENT (mA)
Fig. 2, Typical DC Current Gain vs
Collector Current
C
T = -25°C
A
T = +25°C
A
T = 125°C
A
V
= 1.0V
CE
0.001
0.01
1
10
0.1
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I , BASE CURRENT (mA)
Fig.4, Typical Collector Saturation Region
B
I= 1mA
C
I = 10mA
C
I = 30mA
C
I = 100mA
C
I = 300mA
C
V , REVERSE VOLTAGE (V)
Fig.3, Typical Capacitance Characteristics
R
0
5
10
15
20
25
30
35
0
2
4
6
8
10 12 14 16 18 20
Cibo
Cobo
f=1MHz
1
0.1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 6, Base-Emitter Voltage vs. Collector Current
C
0.2
0.3
0.4
0.6
0.5
0.8
0.7
1.0
0.9
V= 5V
CE
T = 25°C
A
T = -50°C
A
T = 150°C
A
1
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 5, Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
C
I
B
=10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com