Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST2907A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMST2907A
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST2907A Datasheet(HTML) 3 Page - Diodes Incorporated

  MMST2907A Datasheet HTML 1Page - Diodes Incorporated MMST2907A Datasheet HTML 2Page - Diodes Incorporated MMST2907A Datasheet HTML 3Page - Diodes Incorporated MMST2907A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30081 Rev. 8 - 2
3 of 4
MMST2907A
www.diodes.com
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature
A
100
150
200
0
V , REVERSE VOLTAGE (V)
Fig. 2, Typical
R
Capacitance Characteristics
0
5
10
15
20
25
30
35
0
24
6
8
10
12
14
16
18
20
Cobo
Cibo
f=1MHz
I
BASE CURRENT (mA)
Fig. 3, Typical Collector Saturation Region
B,
-0.001
-0.01
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-0.1
-1
-10
-100
I = -1mA
C
I = -10mA
C
I = -30mA
C
I = -100mA
C
I = -300mA
C
0
-0.1
-0.2
-0.3
-0.6
-0.5
-0.4
-1
-10
-100
-1000
I , COLLECTOR CURRENT (mA)
Fig. 4, Collector-Emitter Saturation Voltage vs.
Collector Current
C
I
C
I
B
=10
T = 150°C
A
T = 25°C
A
T = -50°C
A
1
10
1000
100
-1
-10
-1000
-100
I , COLLECTOR CURRENT (mA)
Fig. 5, DC Current Gain vs
Collector Current
C
V
= -5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
-0.1
-1
-10
-100
I , COLLECTOR CURRENT (mA)
Fig. 6, Base-Emitter Voltage
vs. Collector Current
C
V
= -5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com