Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J108 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # J108
Description  N-channel silicon junction FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J108 Datasheet(HTML) 4 Page - NXP Semiconductors

  J108 Datasheet HTML 1Page - NXP Semiconductors J108 Datasheet HTML 2Page - NXP Semiconductors J108 Datasheet HTML 3Page - NXP Semiconductors J108 Datasheet HTML 4Page - NXP Semiconductors J108 Datasheet HTML 5Page - NXP Semiconductors J108 Datasheet HTML 6Page - NXP Semiconductors J108 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Jul 30
4
Philips Semiconductors
Product specification
N-channel silicon junction FETs
J108; J109; J110
DYNAMIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
Note
1. Test conditions for switching times are as follows:
VDD = 1.5 V; VGS = 0 to VGSoff (all types)
VGSoff = −12 V; RL = 100 Ω (J108)
VGSoff = −7 V; RL = 100 Ω (J109)
VGSoff = −5 V; RL = 100 Ω (J110).
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Cis
input capacitance
VDS = 0; VGS = −10 V; f = 1 MHz
15
30
pF
VDS = 0; VGS = 0; f = 1 MHz;
Tamb =25 °C
50
85
pF
Crs
reverse transfer capacitance
VDS = 0; VGS = −10 V; f = 1 MHz
8
15
pF
Switching times; see Fig.2
td
delay time
note 1
2
−
ns
ton
turn-on time
4
−
ns
ts
storage time
4
−
ns
toff
turn-off time
6
−
ns
Fig.2 Switching circuit.
handbook, halfpage
MGE773
RL
50
Ω
DUT
SAMPLING
SCOPE
50
Ω
50
Ω
0.1
µF
10
µF
10 nF
VDD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com