Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J109 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # J109
Description  N-channel silicon junction FETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J109 Datasheet(HTML) 3 Page - NXP Semiconductors

  J109 Datasheet HTML 1Page - NXP Semiconductors J109 Datasheet HTML 2Page - NXP Semiconductors J109 Datasheet HTML 3Page - NXP Semiconductors J109 Datasheet HTML 4Page - NXP Semiconductors J109 Datasheet HTML 5Page - NXP Semiconductors J109 Datasheet HTML 6Page - NXP Semiconductors J109 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1996 Jul 30
3
Philips Semiconductors
Product specification
N-channel silicon junction FETs
J108; J109; J110
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
STATIC CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
VGSO
gate-source voltage
open drain
−−25
V
VGDO
gate-drain voltage
open source
−−25
V
IG
forward gate current (DC)
−
50
mA
Ptot
total power dissipation
up to Tamb =50 °C
−
400
mW
Tstg
storage temperature
−65
150
°C
Tj
operating junction temperature
−
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage
IG = −1 µA; VDS =0
−−−25
V
VGSoff
gate-source cut-off voltage
ID =1 µA; VDS =5V
V
J108
−3
−−10
V
J109
−2
−−6V
J110
−0.5
−−4V
IDSS
drain current
VGS = 0; VDS =15V
J108
80
−−
mA
J109
40
−−
mA
J110
10
−−
mA
IGSS
gate leakage current
VGS = −15 V; VDS =0
−−−3nA
IDSX
drain-source cut-off current
VGS = −10 V; VDS =5V
−−
3nA
RDSon
drain-source on-state resistance
VGS = 0; VDS = 100 mV
J108
−−
8
Ω
J109
−−
12
Ω
J110
−−
18
Ω



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com