Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2A Datasheet(PDF) 3 Page - RFE international

Part # ES2A
Description  Surface Mount Super Fast Recovery Recifier ES2A Through ES2K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

ES2A Datasheet(HTML) 3 Page - RFE international

  ES2A Datasheet HTML 1Page - RFE international ES2A Datasheet HTML 2Page - RFE international ES2A Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
ES2A-ES2K
F1
Approximate 0.096
3000
6000
48000
13” reel
ES2A-ES2K
F2
Approximate 0.096
750
3000
24000
7” reel
ES2A-ES2K
F3
Approximate 0.096
500
2000
16000
7” reel
Surface Mount Super Fast Recovery Recifier
ES2A Through ES2K
DO-214AA
S-S025
08-12-2020
Page 3 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PACKAGING INFORMATION
DO-214AA(SMB)
Dim
Min
Max
A
1.85
2.15
B
3.30
3.94
C
4.25
4.75
D
1.99
2.61
E
5.21
5.59
F
0.90
1.41
G
0.10
0.20
H
0.15
0.31
DO-214AA(SMB)
Dim
Millimeters
P1
6.8
P2
4.3
P3
1.8
Q1
2.5
Q2
2.3
Dimensions in millimeters
DO-214AA(SMB)
Dimensions in millimeters
OUTLINE DIMENSIONS
SUGGESTED PAD LAYOUT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com