Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J112 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # J112
Description  N-channel silicon field-effect transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J112 Datasheet(HTML) 3 Page - NXP Semiconductors

  J112 Datasheet HTML 1Page - NXP Semiconductors J112 Datasheet HTML 2Page - NXP Semiconductors J112 Datasheet HTML 3Page - NXP Semiconductors J112 Datasheet HTML 4Page - NXP Semiconductors J112 Datasheet HTML 5Page - NXP Semiconductors J112 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
July 1993
3
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
J111; J112; J113
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
±VDS
max.
40 V
Gate-source voltage
−V
GSO
max.
40 V
Gate-drain voltage
−V
GDO
max.
40 V
Gate forward current (DC)
IG
max.
50 mA
Total power dissipation
up to Tamb =50 °CPtot
max.
400 mW
Storage temperature range
Tstg
−65 to + 150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient in free air
Rth j-a
=
250 K/W
J111
J112
J113
Gate reverse current
−VGS = 15 V; VDS =0
−IGSS
max.
1
1
1
nA
Drain cut-off current
VDS =5 V; −VGS = 10 V
−IDSX
max.
1
1
1
nA
Drain saturation current
VDS = 15 V; VGS =0
IDSS
min.
20
5
2
mA
Gate-source breakdown voltage
−I
G =1 µA; VDS =0
−V(BR)GSS
min.
40
40
40
V
Gate-source cut-off voltage
VDS = 5 V; ID =1 µA
−VGS off
min.
3
1
0.5
V
max.
10
5
3
V
Drain-source on-state resistance
VDS = 0.1 V; VGS =0
RDSon
max.
30
50
100
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com