Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J113 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # J113
Description  N-channel silicon field-effect transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J113 Datasheet(HTML) 4 Page - NXP Semiconductors

  J113 Datasheet HTML 1Page - NXP Semiconductors J113 Datasheet HTML 2Page - NXP Semiconductors J113 Datasheet HTML 3Page - NXP Semiconductors J113 Datasheet HTML 4Page - NXP Semiconductors J113 Datasheet HTML 5Page - NXP Semiconductors J113 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
July 1993
4
Philips Semiconductors
Product specification
N-channel silicon field-effect transistors
J111; J112; J113
DYNAMIC CHARACTERISTICS
Tj =25 °C unless otherwise specified
Input capacitance
VDS =0; −VGS = 10 V; f = 1 MHz
Cis
typ.
6 pF
VDS = −VGS = 0; f = 1 MHz
Cis
typ.
22 pF
max.
28 pF
Feedback capacitance
VDS =0; −VGS = 10 V; f = 1 MHz
Crs
typ.
3 pF
Switching times
test conditions
VDD = 10 V; VGS = 0 to VGSoff
−VGS off = 12 V; RL = 750 Ω for J111
−V
GS off =
7 V; RL = 1550 Ω for J112
−V
GS off =
5 V; RL = 3150 Ω for J113
Rise time
tr
typ.
6 ns
Turn-on time
ton
typ.
13 ns
Fall time
tf
typ.
15 ns
Turn-off time
toff
typ.
35 ns
Fig.2 Switching times test circuit.
ok, halfpage
MBK289
50
Ω
RL
DUT
10
µF
1
µF
VDD
10 nF
50
Ω
SAMPLING
SCOPE
50
Ω
Fig.3 Input and output waveforms.
MBK288
VGS off
toff
tf
VGS = 0 V
Vi
Vo
10%
90%
90%
10%
ton
tr



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com