Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J210 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # J210
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J210 Datasheet(HTML) 2 Page - NXP Semiconductors

  J210 Datasheet HTML 1Page - NXP Semiconductors J210 Datasheet HTML 2Page - NXP Semiconductors J210 Datasheet HTML 3Page - NXP Semiconductors J210 Datasheet HTML 4Page - NXP Semiconductors J210 Datasheet HTML 5Page - NXP Semiconductors J210 Datasheet HTML 6Page - NXP Semiconductors J210 Datasheet HTML 7Page - NXP Semiconductors J210 Datasheet HTML 8Page - NXP Semiconductors J210 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Dec 01
2
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
FEATURES
• High speed switching
• Interchangeability of drain and source connections
• High impedance.
APPLICATIONS
• Analog switches
• Choppers, multiplexers and commutators
• Audio amplifiers.
DESCRIPTION
N-channel symmetrical junction field-effect transistor in a
TO-92 (SOT54) package.
CAUTION
This product is supplied in anti-static packing to prevent
damage caused by electrostatic discharge during
transport and handling. For further information, refer to
Philips specs.: SNW-EQ-608, SNW-FQ-302A and
SNW-FQ-302B.
PINNING - TO-92 (SOT54)
PIN
SYMBOL
DESCRIPTION
1
g
gate
2
s
source
3
d
drain
Fig.1 Simplified outline and symbol.
Marking codes:
J210: J210.
J211: J211.
J212: J212.
handbook, halfpage
1
3
2
MAM197
s
d
g
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−±25
V
VGSoff
gate-source cut-off voltage
ID = 1 nA; VDS =15V
J210
−1
−3V
J211
−2.5
−4.5
V
J212
−4
−6V
IDSS
drain current
VGS = 0; VDS =15V
J210
2
15
mA
J211
7
20
mA
J212
15
40
mA
Ptot
total power dissipation
Tamb ≤ 50 °C
−
400
mW
y
fs
common-source transfer admittance
VGS = 0; VDS =15V
J210
4
12
mS
J211
6
12
mS
J212
7
12
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com