Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J211 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # J211
Description  N-channel field-effect transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

J211 Datasheet(HTML) 4 Page - NXP Semiconductors

  J211 Datasheet HTML 1Page - NXP Semiconductors J211 Datasheet HTML 2Page - NXP Semiconductors J211 Datasheet HTML 3Page - NXP Semiconductors J211 Datasheet HTML 4Page - NXP Semiconductors J211 Datasheet HTML 5Page - NXP Semiconductors J211 Datasheet HTML 6Page - NXP Semiconductors J211 Datasheet HTML 7Page - NXP Semiconductors J211 Datasheet HTML 8Page - NXP Semiconductors J211 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Dec 01
4
Philips Semiconductors
Product specification
N-channel field-effect transistors
J210; J211; J212
STATIC CHARACTERISTICS
Tj =25 °C.
DYNAMIC CHARACTERISTICS
Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V(BR)GSS
gate-source breakdown voltage
IG = −1 µA; VDS =0
−−25
V
VGSoff
gate-source cut-off voltage
ID = 1 nA; VDS =15V
J210
−1
−3V
J211
−2.5
−4.5
V
J212
−4
−6V
VGSS
gate-source forward voltage
IG = 0; VDS =0
−
1V
IDSS
drain current
VGS = 0; VDS =15V
J10
2
15
mA
J11
7
20
mA
J12
15
40
mA
IGSS
reverse gate leakage current
VGS = −15 V; VDS =0
−−100
pA
y
fs
common-source transfer admittance
VGS = 0; VDS =15V
J210
4
12
mS
J211
6
12
mS
J212
7
12
mS
y
os
common source output admittance
VGS = 0; VDS =15V
J210
−
150
µS
J211
−
200
µS
J212
−
200
µS
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
Cis
input capacitance
VDS =15V; VGS = −10 V; f = 1 MHz
2
pF
VDS =15V; VGS = 0; f = 1 MHz
4
pF
Cos
output capacitance
VDS =15V; VGS = −10 V; f = 1 MHz
0.8
pF
VDS =15V; VGS = 0; f = 1 MHz
2
pF
Crs
feedback capacitance
VDS =15V; VGS = −10 V; f = 1 MHz
0.8
pF
VDS =15V; VGS = 0; f = 1 MHz
0.9
pF
gis
common source input conductance
VDS =15V; VGS = 0; f = 100 MHz
70
µS
VDS =15V; VGS = 0; f = 450 MHz
1.1
mS
gfs
common source transfer conductance
VDS =15V; VGS = 0; f = 100 MHz
7.5
mS
VDS =15V; VGS = 0; f = 450 MHz
7.5
mS
grs
common source feedback conductance
VDS =15V; VGS = 0; f = 100 MHz
−8
µS
VDS =15V; VGS = 0; f = 450 MHz
−90
µS
gos
common source output conductance
VDS =15V; VGS = 0; f = 100 MHz
95
µS
VDS =15V; VGS = 0; f = 450 MHz
200
µS
Vn
equivalent input noise voltage
VDS =15V; VGS = 0; f = 1 kHz
5
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com