Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0540W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B0540W
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B0540W Datasheet(HTML) 2 Page - Diodes Incorporated

  B0540W Datasheet HTML 1Page - Diodes Incorporated B0540W Datasheet HTML 2Page - Diodes Incorporated B0540W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30138 Rev. 7 - 2
2 of 3
B0540W
www.diodes.com
0
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Fig. 1 Typical Forward Characteristics
1m
10m
100m
1
10
100
0.4
0.8
1.2
1.6
2
T = 150°C
j
T = -65°C
j
T = 25°C
j
T = 85°C
j
T = 100°C
j
T = 125°C
j
0.001
0.01
0.1
1
10
100
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2, Typical Reverse Characteristics
1,000
10,000
T = -65°C
j
T = 25°C
j
T = 85°C
j
T = 100°C
j
T = 125°C
j
0
0
10
20
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Total Capacitance vs.
Reverse Voltage
30
5
15
25
20
40
60
80
100
120
f = 1MHz
0
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.8
0
30
60
90
120
150
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 DC Forward Current Derating
Notes:
4. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Value
Unit
Test Conditions
Minimum Reverse Breakdown Voltage (Note 4)
V(BR)R
40
V
IR = 20
µA
Maximum Forward Voltage Drop
VFM
0.510
0.620
0.460
0.610
V
IF = 0.5A, Tj = 25
°C
IF = 1.0A, Tj = 25
°C
IF = 0.5A, Tj = 100
°C
IF = 1.0A, Tj = 100
°C
Maximum Leakage Current (Note 4)
IRM
10
20
µA
VR = 20V, Tj = 25
°C
VR = 40V, Tj = 25
°C
5.0
13
mA
VR = 20V, Tj = 100
°C
VR = 40V, Tj = 100
°C
Total Capacitance
CT
170
pF
f = 1MHz, VR = 0V DC
@ TA = 25
°C unless otherwise specified
Electrical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com