Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7665SCBAZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL7665SCBAZ
Description  CMOS Micropower Over/Under Voltage Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7665SCBAZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL7665SCBAZ Datasheet HTML 6Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 7Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 8Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 9Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 10Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 11Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 12Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 13Page - Intersil Corporation ICL7665SCBAZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN3182.8
April 5, 2006
Combination Low Battery Warning and Low
Battery Disconnect
When using rechargeable batteries in a system, it is
important to keep the batteries from being over discharged.
The circuit shown in Figure 14 provides a low battery
warning and also disconnects the low battery from the rest of
the system to prevent damage to the battery. OUT1 is used
to shutdown the ICL7663S when the battery voltage drops to
the value where the load should be disconnected. As long as
VSET1 is greater than 1.3V, OUT1 is low, but when VSET1
drops below 1.3V, OUT1 goes high shutting off the
ICL7663S. OUT2 is used for low battery warning. When
VSET2 is greater than 1.3V, OUT2 is high and the low battery
warning is on. When VSET2 drops below 1.3V, OUT2 is low
and the low battery warning goes off. The trip voltage for low
battery warning can be set higher than the trip voltage for
shutdown to give advance low battery warning before the
battery is disconnected.
Power Fail Warning and Powerup/Powerdown
Reset
Figure 15 shows a power fail warning circuit with
powerup/powerdown reset. When the unregulated DC input
is above the trip point, OUT1 is low. When the DC input
drops below the trip point, OUT1 shuts OFF and the power
fail warning goes high. The voltage on the input of the 7805
will continue to provide 5V out at 1A until VIN is less than
7.3V, this circuit will provide a certain amount of warning
before the 5V output begins to drop.
The ICL7665S OUT2 is used to prevent a microprocessor
from writing spurious data to a CMOS battery backup
memory by causing OUT2 to go low when the 7805 5V
output drops below the ICL7665S trip point.
FIGURE 13. MULTIPLE SUPPLY FAULT MONITOR
HYST1
VSET1
VSET2
HYST2
V+
OUT1
OUT2
274k
Ω
R21
100k
Ω
22
POWER
OK
301
R11
+5V
-15V
-5V
M
Ω
k
Ω
787
k
Ω
+5V
1M
Ω
1.02M
Ω
R21A
R21B
49.9k
Ω
+5V
+15V
HYST1
SET1
SET2
HYST2
V+
OUT1
OUT2
R31
R32
R12
R11
R21
R22
GND
+
-
LOW BATTERY SHUTDOWN
1M
Ω
V+
OUT1
SHUTDOWN
VSET
OUT2
V+
GND
1M
Ω
LOW BATTERY WARNING
SENSE
100
Ω
+5V
1A
ICL7663S
ICL7665S
FIGURE 14. LOW BATTERY WARNING AND LOW BATTERY DISCONNECT
ICL7665S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com