Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20100CD Datasheet(PDF) 1 Page - RFE international

Part # MBR20100CD
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBR20100CD Datasheet(HTML) 1 Page - RFE international

  MBR20100CD Datasheet HTML 1Page - RFE international MBR20100CD Datasheet HTML 2Page - RFE international MBR20100CD Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PARAMETER
SYMBOL
UNIT
MBR20100CD
MBR20150CD
MBR20200CD
Device marking code
MBR20100CD
MBR20150CD
MBR20200CD
Repetitive Peak Reverse Voltage
VRRM
0
0
2
0
5
1
0
0
1
V
Average Rectified Output Current @60Hz sine
wave, R-load, Ta=25
IO
A
20
Surge(Non-repetitive)Forward Current @60Hz
half sine-wave, 1 cycle, Ta=25
IFSM
A
130
Current Squared Time @1ms t<8.3ms
Tj=25
I2t
A2s
70
Storage Temperature
Tstg
-55 ~ +175
Junction Temperature
Tj
-55 ~ +175
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
MBR20100CD
MBR20150CD
MBR20200CD
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=10.0A
9
.
0
7
8
.
0
3
8
.
0
Maximum DC reverse current
at rated DC blocking voltage per
diode
IRRM1
mA
VRM=VRRM
Ta=25
0.1
IRRM2
VRM=VRRM
Ta=125
20
Pin 2
Pin 3
Pin 1
Schottky Diodes
MBR20100CD Through MUBR20200CD
TO-252
● High frequency operation
● High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
● Guard ring for enhanced ruggedness and long term reliability
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
● Package: TO-252
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
● Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
● Polarity: As marked
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
(Ta=25 Unless otherwise specified
(Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
MBR20100CD
MBR20150CD
MBR20200CD
Thermal
Resistance
Between
junction
and case
R J-C
/W
5.0
12-12-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - MBR20100CD

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MBR20100CD DYELEC-MBR20100CD Datasheet
789Kb / 3P
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Semiconducto...
MBR20100CD CHENDA-MBR20100CD Datasheet
577Kb / 2P
40 to 200 Volts Forward Current - 20.0 Amperes
logo
Dongguan City Niuhang E...
MBR20100CD NIUHANG-MBR20100CD Datasheet
2Mb / 5P
SCHOTTKY RECTIFIERS
logo
Inchange Semiconductor ...
MBR20100CD ISC-MBR20100CD Datasheet
295Kb / 2P
Schottky Rectifier
logo
Diodes Incorporated
MBR20100CD-E1 DIODES-MBR20100CD-E1 Datasheet
495Kb / 13P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Rev 5
More results

Similar Description - MBR20100CD

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com