Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20200CD Datasheet(PDF) 2 Page - RFE international

Part # MBR20200CD
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBR20200CD Datasheet(HTML) 2 Page - RFE international

  MBR20200CD Datasheet HTML 1Page - RFE international MBR20200CD Datasheet HTML 2Page - RFE international MBR20200CD Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PREFERED P/N
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
MBR20100CD THRU MBR20200CD Approximate 0.32
2500
2500
25000
Reel
Tj=25
Tj=125
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
FIG.4: Instantaneous Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
1
2
5
10
20
50
100
60
80
100
120
8.3ms Single
Half Sine-Wave
JEDEC Method
140
40
20
FIG2:Surge Forward Current Capability
Number of Cycles
Case Temperature
FIG1:Io -Tc Curve
0
0
50
200
150
IN DC
5.0
10.0
TC measure point
15.0
20.0
25.0
30.0
35.0
100
FIG3: Forward Voltage
Instantaneous Forward Voltage (V)
0.2 0.3
0.4 0.5 0.6 0.7
0.1
0.2
0.5
1.0
10
20
60
5.0
Ta=25
0.8
0.9 1.0
0.1
0
100V
150V
100
1.1 1.2
200V
Schottky Diodes
MBR20100CD Through MUBR20200CD
TO-252
PACKAGING INFORMATION
12-12-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com