Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4KB05 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # UD4KB05
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

UD4KB05 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  UD4KB05 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD UD4KB05 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UD4KB05 THRU UD4KB100
CURRENT
4.0 Ampere
2-1
www.asemi99.com
2018.11 Rev.3.1
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UD4K
B05
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
4.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
125
A
Forward Voltage (per element)
@IF
0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
500
µA
Typical Thermal Resistance (Note 3)
RJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to ambient mounted on PC board with 12mm2 copper pad.
UD4K
B10
UD4K
B20
UD4K
B40
UD4K
B60
UD4K
B80
UD4K
B100
1.05
V
Lead Free: For RoHS / Lead Free Version
MIL-STD-202, Method 208
MIL-STD-202, Method 208
Weight: 1.7 grams (approx.)
Polarity: As Marked on Body
Ideal for Printed Circuit Boards
High Surge Current Capability
Low Forward Voltage Drop
Case: Molded Plastic
Features
!
Diffused Junction
!
!
High Current Capability
!
High Reliability
!
!
Mechanical Data
!
!
!
!
Mounting Position: Any
!
Marking: Type Number
D3K
All Dimensions in mm
!
Terminals: Plated Leads Solderable per
VOLTAGE RANG
50 to 1000 Volts
ASEMI Bridge Rectifier
Component Index, file number SZXEC1902259902
This series is SGS listed under the Recognized


Similar Part No. - UD4KB05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UD4KB05 MCC-UD4KB05 Datasheet
483Kb / 3P
High surge forward current capability
logo
Zibo Seno Electronic En...
UD4KB05 ZSELEC-UD4KB05 Datasheet
118Kb / 2P
4.0A BRIDGE RECTIFIER
UD4KB05 ZSELEC-UD4KB05 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
UD4KB05 ZSELEC-UD4KB05_V01 Datasheet
104Kb / 2P
4.0A BRIDGE RECTIFIER
More results

Similar Description - UD4KB05

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com