Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4KB20 Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # UD4KB20
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

UD4KB20 Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  UD4KB20 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD UD4KB20 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-2
www.asemi99.com
2018.11 Rev.3.1
0
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typical Fwd Characteristics
F
T = 150°C
J
T = 25°C
J
Pulse Width
= 300 µs
0
100
25
75
50
125
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
T = 150°c
Single Half
Sine Wave
(JEDEC Method)
j
1
10
100
110
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
f = 1MHz
j
0.01
0.1
1.0
10
100
1000
10,000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
T = 125°C
j
T = 100°C
j
T = 25°C
j
T = 150°C
j
0
1.0
2.0
3.0
0
75
150
225
T, TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
4.0
UD4KB05 THRU UD4KB100
CURRENT
4.0 Ampere
VOLTAGE RANG
50 to 1000 Volts
Rating and Characteristic Curves ( TA=25 Unless otherwise noted )
C
o
ASEMI Bridge Rectifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com