Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54ADW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54ADW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54ADW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54ADW Datasheet HTML 1Page - Diodes Incorporated BAT54ADW Datasheet HTML 2Page - Diodes Incorporated BAT54ADW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30152 Rev. 11 - 2
1 of 3
BAT54TW /ADW /CDW /SDW /BRW
www.diodes.com
ã Diodes Incorporated
BAT54TW /ADW /CDW /SDW
/BRW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Features
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Please See Ordering Information, Note 5, on
Page 2
·
Orientation: See Diagrams Below
·
Weight: 0.006 grams (approx.)
·
Marking: See Diagrams Below & Page 2
Mechanical Data
·
Low Forward Voltage Drop
·
Fast Switching
·
Ultra-Small Surface Mount Package
·
PN Junction Guard Ring for Transient and
ESD Protection
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 1)
IF
200
mA
Repetitive Peak Forward Current (Note 1)
IFRM
300
mA
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be
found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heatin
g effect.
3. No purposefully added lead.
A
M
J
L
D
B C
H
K
G
F
TOP VIEW
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾¾
V
IR = 100
mA
Forward Voltage (Note 2)
VF
¾¾
240
320
400
500
1000
mV
IF = 0.1mA
IF =
1mA
IF =
10mA
IF =
30mA
IF = 100mA
Reverse Leakage Current (Note 2)
IR
¾¾
2.0
mA
VR = 25V
Total Capacitance
CT
¾¾
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
A
1
A
2
C
2
C
1
C
2
C
1
BAT54ADW*
Marking: KL6
C
1
C
2
A
2
A
1
A
2
A
1
AC
1
AC
2
C
2
A
1
A
2
C
1
AC
1
AC
2
C
1
A
1
C
2
A
2
BAT54CDW*
Marking: KL7
BAT54SDW*
Marking: KL8
BAT54BRW
Marking: KLB
BAT54TW
Marking: KLA
C
1
A
3
C
2
A
1
C
3
A
2
*Symmetrical configuration, no orientation indicator.
Maximum Ratings @ TA = 25°C unless otherwise specified
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
SPICE MODELS: BAT54TW BAT54ADW BAT54CDW BAT54SDW BAT54BRW


Similar Part No. - BAT54ADW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54ADW DIODES-BAT54ADW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54ADW DIODES-BAT54ADW Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW Datasheet
533Kb / 4P
Surface Mount Schottky Barrier Diodes Arrays
logo
TRANSYS Electronics Lim...
BAT54ADW TEL-BAT54ADW Datasheet
130Kb / 1P
SCHOTTKY DIODE
logo
SeCoS Halbleitertechnol...
BAT54ADW SECOS-BAT54ADW Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Diode Array
More results

Similar Description - BAT54ADW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70TW DIODES-BAS70TW Datasheet
56Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30158 Rev. E-1
logo
Jiangsu Changjiang Elec...
FBAS70BRW JIANGSU-FBAS70BRW Datasheet
212Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-05 JIANGSU-FBAS70DW-05 Datasheet
209Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-06 JIANGSU-FBAS70DW-06 Datasheet
212Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAS40TW DIODES-BAS40TW_1 Datasheet
80Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
BAT54V DIODES-BAT54V_1 Datasheet
88Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30560 Rev. 4 - 2
BAT40V DIODES-BAT40V_08 Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30533 Rev. 7 - 2
BAS40TW DIODES-BAS40TW_15 Datasheet
131Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev erse
BAT54SDWQ DIODES-BAT54SDWQ Datasheet
319Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
Rev 1
BAT54SDWQ DIODES-BAT54SDWQ_V01 Datasheet
408Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
November 2018 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com