Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5023IP Datasheet(PDF) 9 Page - Intersil Corporation

Part # HA5023IP
Description  Dual 125MHz Video Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023IP Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HA5023IP Datasheet HTML 5Page - Intersil Corporation HA5023IP Datasheet HTML 6Page - Intersil Corporation HA5023IP Datasheet HTML 7Page - Intersil Corporation HA5023IP Datasheet HTML 8Page - Intersil Corporation HA5023IP Datasheet HTML 9Page - Intersil Corporation HA5023IP Datasheet HTML 10Page - Intersil Corporation HA5023IP Datasheet HTML 11Page - Intersil Corporation HA5023IP Datasheet HTML 12Page - Intersil Corporation HA5023IP Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN3393.8
June 2, 2006
FIGURE 14. BANDWIDTH vs FEEDBACK RESISTANCE
FIGURE 15. SMALL SIGNAL OVERSHOOT vs LOAD
RESISTANCE
FIGURE 16. DIFFERENTIAL GAIN vs SUPPLY VOLTAGE
FIGURE 17. DIFFERENTIAL PHASE vs SUPPLY VOLTAGE
FIGURE 18. DISTORTION vs FREQUENCY
FIGURE 19. REJECTION RATIOS vs FREQUENCY
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25°C,
Unless Otherwise Specified (Continued)
80
60
40
20
0
200
350
500
650
800
950
FEEDBACK RESISTOR (
Ω)
VOUT = 0.2VP-P
CL = 10pF
AV = +10
LOAD RESISTANCE (
Ω)
0
200
400
600
800
1000
16
6
0
VOUT = 0.1VP-P
CL = 10pF
VSUPPLY = ±5V, AV = +2
VSUPPLY = ±15V, AV = +1
VSUPPLY = ±5V, AV = +1
VSUPPLY = ±15V, AV = +2
12
SUPPLY VOLTAGE (
±V)
35
7
9
11
13
15
0.10
0.08
0.06
0.04
0.02
0.00
FREQUENCY = 3.58MHz
RL = 75Ω
RL = 150Ω
RL = 1kΩ
0.08
0.06
0.04
0.02
0.00
35
7
9
11
13
15
SUPPLY VOLTAGE (
±V)
RL = 1kΩ
RL = 75Ω
RL = 150Ω
FREQUENCY = 3.58MHz
-40
-50
-60
-70
-80
-90
0.3
1
10
FREQUENCY (MHz)
VOUT = 2.0VP-P
CL = 30pF
HD3
HD2
3RD ORDER IMD
HD2
HD3
FREQUENCY (MHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
0.001
0.01
0.1
1
10
30
AV = +1
CMRR
POSITIVE PSRR
NEGATIVE PSRR
HA5023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com