Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5023IPZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA5023IPZ
Description  Dual 125MHz Video Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023IPZ Datasheet(HTML) 2 Page - Intersil Corporation

  HA5023IPZ Datasheet HTML 1Page - Intersil Corporation HA5023IPZ Datasheet HTML 2Page - Intersil Corporation HA5023IPZ Datasheet HTML 3Page - Intersil Corporation HA5023IPZ Datasheet HTML 4Page - Intersil Corporation HA5023IPZ Datasheet HTML 5Page - Intersil Corporation HA5023IPZ Datasheet HTML 6Page - Intersil Corporation HA5023IPZ Datasheet HTML 7Page - Intersil Corporation HA5023IPZ Datasheet HTML 8Page - Intersil Corporation HA5023IPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
FN3393.8
June 2, 2006
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . .36V
DC Input Voltage (Note 3) . . . . . . . . . . . . . . . . . . . . . . . .
±V
SUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Output Current (Note 4) . . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating (Note 3)
Human Body Model (Per MIL-STD-883 Method 3015.7). . . 2000V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . .
±4.5V to ±15V
Thermal Resistance (Typical, Note 2)
θ
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
160
Maximum Junction Temperature (Note 1) . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package, Note 1) . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder process-
ing only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load, must be designed to maintain junction temperature below 175°C for die, and below 150°C
for plastic packages. See Application Information section for safe operating area information.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
3. The non-inverting input of unused amplifiers must be connected to GND.
4. Output is protected for short circuits to ground. Brief short circuits to ground will not degrade reliability, however, continuous (100% duty cycle)
output current should not exceed 15mA for maximum reliability.
Electrical Specifications V
SUPPLY = ±5V, RF = 1kΩ, AV = +1, RL = 400Ω, CL ≤ 10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 9)
TEST
LEVEL
TEMP.
(°C)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage (VIO)A
25
-
0.8
3
mV
AFull
-
-
5
mV
Delta VIO Between Channels
A
Full
-
1.2
3.5
mV
Average Input Offset Voltage Drift
B
Full
-
5
-
µV/°C
VIO Common Mode Rejection Ratio
Note 5
A
25
53
-
-
dB
A
Full
50
-
-
dB
VIO Power Supply Rejection Ratio
±3.5V ≤ V
S ≤ ±6.5V
A
25
60
-
-
dB
AFull
55
-
-
dB
Input Common Mode Range
Note 5
A
Full
±2.5
-
-
V
Non-Inverting Input (+IN) Current
A
25
-
3
8
µA
AFull
-
-
20
µA
+IN Common Mode Rejection
(+IBCMR =)
Note 5
A
25
-
-
0.15
µA/V
AFull
-
-
0.5
µA/V
+IN Power Supply Rejection
±3.5V ≤ V
S ≤ ±6.5V
A
25
-
-
0.1
µA/V
AFull
-
-
0.3
µA/V
Inverting Input (-IN) Current
A
25, 85
-
4
12
µA
A-40
-
10
30
µA
Delta -IN BIAS Current Between Channels
A
25, 85
-
6
15
µA
A-40
-
10
30
µA
1
+RIN
HA5023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com