Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40TW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS40TW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40TW Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS40TW Datasheet HTML 1Page - Diodes Incorporated BAS40TW Datasheet HTML 2Page - Diodes Incorporated BAS40TW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30156 Rev. 10 - 2
2 of 3
BAS40TW /DW-04 /DW-05 /DW-06 /BRW
www.diodes.com
0
40
80
120
160
200
T , AMBIENT TEMPERATURE (ºC)
Fig. 4 Power Derating Curve, Total Package
A
0
50
100
150
200
250
Note 1
0
1
3
2
0
10
20
40
30
V , REVERSE VOLTAGE (V)
Fig.3 Typical Capacitance
R
f = 1.0MHz
0.1
1
10
100
1000
10000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T= 0ºC
A
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Voltage
F
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com