Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2A8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2A8
Description  0.5 Watts, 20 Volts, Class A Linear to 2000 MH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2A8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2A8 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2A8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
2A8
0.5 Watts, 20 Volts, Class A
Linear to 2000 MHz
GENERAL DESCRIPTION
The 2A8 is a COMMON EMITTER transistor capable of providing 0.5 Watts
of Class A, RF output power at 2000 MHz. This transistor is specifically
designed for general Class A amplifier applicatons. It utilizes gold
metalization and diffused ballasting to provide high reliability and supreme
ruggedness.
CASE OUTLINE
55EU, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
5.3 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
300 mA
Maximum Temperatures
Storage Temperature
- 65 to + 150 C
o
Operating Junction Temperature
+ 150 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
ηc
VSWR
1
Power Out @ 1db Comp. Pt.
Power Input
Power Gain
Efficiency
Load Mismatch Tolerance
F = 2.0 GHz
Vcc = 20 Volts
Ic = 150mA
0.5
7.0
9.0
20
0.1
30:1
Watts
Watts
dB
%
BVebo
BVces
BVceo
Hfe
Cob
θjc
Emitter to Base Breakdown
Collector to Emitter Breakdown
Collector to Emitter Breakdown
DC Current Gain
Capacitance
Thermal Resistance
Ie = 1 mA
Ic = 10mA
Ic = 10 mA
Vce = 5 V, Ic = 100 mA
Vcb = 28V, f = 1 MHz
3.5
50
21
20
3.0
28
4.0
33
Volts
Volts
Volts
pF
C/W
o
Issue September 1995


Similar Part No. - 2A8

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2A81 HONEYWELL-ACC-2A81 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
Honeywell Solid State E...
2A81 HONEYWELL-2A81 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
Honeywell Accelerometer...
2A82 HONEYWELL-ACC-2A82 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
Honeywell Solid State E...
2A82 HONEYWELL-2A82 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
logo
Honeywell Accelerometer...
2A85 HONEYWELL-ACC-2A85 Datasheet
1Mb / 11P
Pushbutton Switches and Indicators
More results

Similar Description - 2A8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
10A030 ETC1-10A030 Datasheet
56Kb / 2P
3 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
Microsemi Corporation
MPA201 MICROSEMI-MPA201 Datasheet
107Kb / 4P
0.5 Watts, 12.5 Volts, Class A Linear to 500MHz Hybrid Amplifier
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com