Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N708 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N708
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N708 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N708 Datasheet HTML 1Page - Microsemi Corporation 2N708 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/312
Devices
Qualified Level
2N708
JAN, JANTX
MAXIMUM RATINGS
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
15
Vdc
Collector-Base Voltage
VCBO
40
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector-Emitter Voltage
VCER
20
Vdc
Total Power Dissipation
@ TA = +25
0C (1)
@ TC = +25
0C (2)
PT
0.36
1.2
W
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +200
0C
1) Derate linearly 2.06 mW/
0C for TA > 250C
2) Derate linearly 6.90 mW/
0C for TC > 250C
TO-18 (TO-206AA)*
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
IC = 1.0 µAdc
V(BR)CBO
40
Vdc
Emitter-Base Breakdown Voltage
IE = 10 µAdc
V(BR)EBO
5.0
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
V(BR)CEO
15
Vdc
Collector-Emitter Breakdown Voltage
IC = 10 mAdc, RBE
≤ 10 Ω
V(BR)CER
20
Vdc
Collector-Base Cutoff Current
VCB = 20 Vdc
ICBO
25
ηAdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc
IEBO
80
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N708

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N708 CENTRAL-2N708 Datasheet
33Kb / 1P
Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N708 NJSEMI-2N708 Datasheet
179Kb / 2P
SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N708 ETC1-2N708 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
Inchange Semiconductor ...
2N7081 ISC-2N7081 Datasheet
65Kb / 2P
TO??20 ISOLATED HERMETIC PACKAGE
logo
Seme LAB
2N7081-220M-ISO SEME-LAB-2N7081-220M-ISO Datasheet
14Kb / 2P
N-CHANNEL POWER MOSFET
More results

Similar Description - 2N708

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com