Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N1483 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N1483
Description  NPN SILICON MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N1483 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N1483 Datasheet HTML 1Page - Microsemi Corporation 2N1483 Datasheet HTML 2Page - Microsemi Corporation 2N1483 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N1483, 2N1484, 2N1485, 2N1486 JAN SERIES
ELECTRICAL CHARACTERISTICS (con”t)
Characteristics
Symbol
Min.
Max.
Unit
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = 750 mAdc, VCE = 4.0 Vdc
2N1483, 2N1484
2N1485, 2N1486
hFE
20
35
60
100
Collector-Emitter Saturation Voltage
IC = 750 mAdc, IB = 75 mAdc
2N1483, 2N1484
IC = 750 mAdc, IB = 40 mAdc
2N1485, 2N1486
VCE(sat)
1.20
0.75
Vdc
Base-Emitter Voltage
IC = 750 mAdc, VCE = 4.0 Vdc
VBE
2.0
Vdc
DYNAMIC CHARACTERISTICS
Forward Current Transfer Ratio
IC = 5.0 mAdc, VCB = 28 Vdc
f
hfb
600
kHz
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
400
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = 12 Vdc; RC = 15.9 Ω; IB0 = IB2 = 35 mAdc; IB1= 65 mAdc
ton + toff
25
µs
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com