Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC496 Datasheet(PDF) 2 Page - Protek Devices

Part # PLC496
Description  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC496 Datasheet(HTML) 2 Page - Protek Devices

  PLC496 Datasheet HTML 1Page - Protek Devices PLC496 Datasheet HTML 2Page - Protek Devices PLC496 Datasheet HTML 3Page - Protek Devices PLC496 Datasheet HTML 4Page - Protek Devices PLC496 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLC496
2
05109.R7 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
SYMBOL
VALUE
-55 to 150
°C
-55 to 150
UNITS
TL
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
°C
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
1.25
1.0
MAXIMUM
CAPACITANCE
(See Note 3)
@0V, 1MHz
C
pF
INVERSE
BLOCKING
LEAKAGE
CURRENT
(See Note 2)
@V
WIB IR
µA
Note 1: Apply positive voltage from pin 4 to 1 and pin 8 to 5.
Note 2: Apply positive voltage from pin 1 to 4 and pin 5 to 8.
Note 3: Capcitance from pin 1 to 4 < 1.25pF. Capacitance from pin 8 to 5 < 1.25pF.
WORKING
INVERSE
BLOCKING
VOLTAGE
(See Note 2)
V
WIB
VOLTS
75
12.5V @ 30A
MAXIMUM
CLAMPING
VOLTAGE
(See Note 1)
(See Fig. 2)
@8/20µs
V
C @ IPP
MAXIMUM
REVERSE
LEAKAGE
CURRENT
(See Note 1)
@V
WM
I
D
µA
20
2.5
1.0
VEC
PLC496
PART
NUMBER
DEVICE
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
(See Note 1)
@1mA
V
(BR)
VOLTS
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
10
100
1,000
10,000
500W, 8/20µs Waveform



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com