Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST6427 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMST6427
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST6427 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMST6427 Datasheet HTML 1Page - Diodes Incorporated MMST6427 Datasheet HTML 2Page - Diodes Incorporated MMST6427 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free Green
DS30166 Rev. 9 - 2
1 of 3
MMST6427
www.diodes.com
ã Diodes Incorporated
MMST6427
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
·
Epitaxial Planar Die Construction
·
Ideal for Low Power Amplification and Switching
·
High Current Gain
·
Ultra-Small Surface Mount Package
·
Lead Free/RoHS Compliant (Note 2)
·
"Green" Device (Note 3 and 4)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
12
V
Collector Current - Continuous (Note 1)
IC
500
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
625
°
C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°
C
Features
A
M
J
L
E
D
B C
H
K
G
B
E
C
Mechanical Data
·
Case: SOT-323
·
Case Material: Molded Plastic
, "Green" Molding
Compound, Note 4
. UL Flammability Classification Rating
94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Marking (See Page 3): K1D
·
Ordering & Date Code Information: See Page 3
·
Weight: 0.006 grams (approximate)
Maximum Ratings
@ TA = 25°C unless otherwise specified
SOT-323
Dim
Min
Max
A
0.25
0.40
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
E
0.30
0.40
G
1.20
1.40
H
1.80
2.20
J
0.0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.18
a
0°
8°
All Dimensions in mm
Note:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product
manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
E
B
C
SPICE MODEL: MMST6427


Similar Part No. - MMST6427

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST6427 DIODES-MMST6427 Datasheet
46Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 3 - 1
MMST6427 DIODES-MMST6427 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMST6427-7 DIODES-MMST6427-7 Datasheet
46Kb / 2P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 3 - 1
MMST6427-7-F DIODES-MMST6427-7-F Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMST6427 DIODES-MMST6427_15 Datasheet
90Kb / 5P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
More results

Similar Description - MMST6427

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28 DIODES-MMBTA28 Datasheet
62Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 2 - 2
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28 Datasheet
220Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Diodes Incorporated
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 11
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Micro Commercial Compon...
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
NPN Surface Mount Darlington Transistor
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com