Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA56 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA56
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA56 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA56 Datasheet HTML 1Page - Diodes Incorporated MMSTA56 Datasheet HTML 2Page - Diodes Incorporated MMSTA56 Datasheet HTML 3Page - Diodes Incorporated MMSTA56 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30167 Rev. 9 - 2
2 of 4
MMSTA55/MMSTA56
www.diodes.com
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
MMSTA55
MMSTA56
V(BR)CBO
-60
-80
V
IC = -100
µA, IE = 0
Collector-Emitter Breakdown Voltage
MMSTA55
MMSTA56
V(BR)CEO
-60
-80
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-4.0
V
IE = -100
µA, IC = 0
Collector Cutoff Current
MMSTA55
MMSTA56
ICBO
-100
nA
VCB = -60V, IE = 0
VCB = -80V, IE = 0
Collector Cutoff Current
MMSTA55
MMSTA56
ICEX
-100
nA
VCE = -60V, IBO = 0V
VCE = -80V, IBO = 0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
100
IC = -10mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.25
V
IC = -100mA, IB = -10mA
Base-Emitter Saturation Voltage
VBE(SAT)
-1.2
V
IC = -100mA, VCE = -1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
50
MHz
VCE = -1.0V, IC = -100mA,
f = 100MHz
Electrical Characteristics @ TA = 25°C unless otherwise specified
Ordering Information (Note 4 & 6)
Device
Packaging
Shipping
MMSTA55-7-F
MMSTA56-7-F
SOT-323
3000/Tape & Reel
Notes:
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product
manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration pulse test used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K2x
K2x = Product Type Marking Code, e.g. K2H = MMSTA55
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com