Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSTA05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA05
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA05 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA05 Datasheet HTML 1Page - Diodes Incorporated MMSTA05 Datasheet HTML 2Page - Diodes Incorporated MMSTA05 Datasheet HTML 3Page - Diodes Incorporated MMSTA05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30168 Rev. 8 - 2
2 of 4
MMSTA05/MMSTA06
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
MMSTA05
MMSTA06
V(BR)CBO
60
80
¾
V
IC = 100
mA, IE = 0
Collector-Emitter Breakdown Voltage
MMSTA05
MMSTA06
V(BR)CEO
60
80
¾
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4.0
¾
V
IE = 100
mA, IC = 0
Collector Cutoff Current
MMSTA05
MMSTA06
ICBO
¾
100
nA
VCB = 60V, IE = 0
VCB = 80V, IE = 0
Collector Cutoff Current
MMSTA05
MMSTA06
ICES
¾
100
nA
VCE = 60V, IBO = 0V
VCE = 80V, IBO = 0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
100
¾¾
IC = 10mA, VCE = 1.0V
IC = 100mA, VCE = 1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
¾
0.25
V
IC = 100mA, IB = 10mA
Base-Emitter Saturation Voltage
VBE(SAT)
¾
1.2
V
IC = 100mA, VCE = 1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
100
¾
MHz
VCE = 2.0V, IC = 10mA,
f = 100MHz
Ordering Information (Note 4 & 6)
Device
Packaging
Shipping
MMSTA05-7-F
SOT-323
3000/Tape & Reel
MMSTA06-7-F
SOT-323
3000/Tape & Reel
Notes:
4. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product
manufactured prior to Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. Short duration test pulse used to minimize self-heating effect.
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K1x
K1x = Product Type Marking Code, ex: K1H = MMSTA05
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
JK
L
M
N
P
R
ST
U
V
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com