Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLW0501D Datasheet(PDF) 2 Page - Protek Devices

Part # PLW0501D
Description  STANDARD CAPACITANCE TVS COMPONENT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLW0501D Datasheet(HTML) 2 Page - Protek Devices

  PLW0501D Datasheet HTML 1Page - Protek Devices PLW0501D Datasheet HTML 2Page - Protek Devices PLW0501D Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PLW0501D
05263.R2 2/1/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
150
Watts
°C
-55 to 150
UNITS
TSTG
PPP
PARAMETER
Peak Pulse Power (tp = 8/20µs) - See Figure 1
Operating Temperature
T
A
-55 to 150
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Peak Pulse Current (tp = 8/20µ)
IPP
10
A
Soldering Temperature for 10 seconds
°C
265
T
L
Note 1: Measured between I/O pins and ground.
PART
NUMBER
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
I
P @ 1A
VC
VOLTS
TYPICAL
CAPACITANCE
@0V, 1 MHz
C
pF
PLW0501D
4
6.0
9.8
70
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
1.0
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Typical Forward Voltage @10mA
V
0.8
V
F
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
150W, 8/20µs Waveform



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com