Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA2423U-R Datasheet(PDF) 3 Page - SiGe Semiconductor, Inc.

Part # PA2423U-R
Description  RangeChargerTM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

PA2423U-R Datasheet(HTML) 3 Page - SiGe Semiconductor, Inc.

  PA2423U-R Datasheet HTML 1Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 2Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 3Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 4Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 5Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 6Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 7Page - SiGe Semiconductor, Inc. PA2423U-R Datasheet HTML 8Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PA2423U-EK1
RangeCharger
TM 2.4 GHz BluetoothTM Power Amplifier Evaluation Kit
131-DST-02
Rev 1.3
Apr-19-2006
Confidential
3 of 8
QA041906
Evaluation Board Bill of Materials
The following components are used in the design of the PA2423U-EK1 evaluation board. As a reference, potential
suppliers of these components are provided. SiGe Semiconductor does not endorse any specific vendor. In most
cases, similar components from other suppliers will provide satisfactory performance.
The minimum required components, as defined inside the heavy black box in the schematic (Figure 2), are
designated as ‘required components’. These components are detailed in Table 2. Please note, that all components
are dual sourced. Table 3 identifies an alternate supplier for the components.
Item
Reference
Qty
Part
Tolerance
Footprint
Type
Supplier
Supplier Part No
1
C1
1
5.6pF
5%
0402
NPO
Murata
GRP1555C1H5R6DZ01
2
C2
1
2.0pF
5%
0402
NPO
Murata
GRP1555C1H2R0CZ01
3
C3
1
15pF
5%
0402
NPO
Murata
GRP1555C1H150JZ01
4
C4
1
0.5pF
5%
0402
NPO
Murata
GRP1555C1HR50CZ01
5
C5,C6,C7
3
10pF
5%
0402
NPO
Murata
GRP1555C1H100JZ01
6
C8
1
0.1uF
80%/-20%
0603
Y5V
Murata
GRM188F51E104ZA01
7
C9,C13
2
0.1uF
80%/-20%
0402
Y5V
Murata
GRP155F51C104ZA01
8
C10
1
1000pF
10%
0402
X7R
Murata
GRP155R71H102KA01
9
C11
1
0.1uF
10%
0402
X5R
Murata
GRP155R61C104KA01
10
C12
1
1.5pF
5%
0402
NPO
Murata
GRP1555C1H1R5CZ01
11
C14
1
10uF, 10V
20%
-
Tantalum
Panasonic
ECS-T1AX106R
12
JP1,JP2
2
SMA
-
-
-
Johnson
142-0701-886
13
JP3
1
8 HEADER
-
-
-
8 Pin 0.1
inch Header
-
14
L1
1
1.5nH
10%
0402
Multilayer
Toko
LL1005-FHL1N5S
15
PCB1
1
1301-04
-
-
-
SiGe
-
16
U1
1
PA2423U
-
6-QFN
-
SiGe
-
Table 2: PA2423U Bill of Materials
Item
Reference
Qty
Part
Tolerance
Footprint
Type
Alternate
Source
Alternate Source
Part No
1
C1
1
5.6pF
5%
0402
NPO
Phycomp
0402CG569C9B200
2
C2
1
2.0pF
5%
0402
NPO
Phycomp
0402CG209C9B200
3
C3
1
15pF
5%
0402
NPO
Phycomp
0402CG150J9B200
4
C4
1
0.5pF
5%
0402
NPO
Phycomp
0402CG508C9B200
5
C5,C6,C7
3
10pF
5%
0402
NPO
Phycomp
0402CG100J9B200
6
C8
1
0.1uF
80%/-20%
0603
Y5V
Phycomp
06032F104Z8B20D
7
C9,C13
2
0.1uF
80%/-20%
0402
Y5V
Phycomp
04022F104Z7B20D
8
C10
1
1000pF
10%
0402
X7R
Phycomp
04022R102K9B200
9
C11
1
0.1uF
10%
0402
X5R
-
-
10
C12
1
1.5pF
5%
0402
NPO
Phycomp
0402CG159C9B200
11
C14
1
10uF, 10V
20%
-
Tantalum
-
-
12
JP1,JP2
2
SMA
-
-
-
-
-
13
JP3
1
8 HEADER
-
-
-
-
-
14
L1
1
1.5nH
10%
0402
Multilayer
-
-
15
PCB1
1
1301-04
-
-
-
-
-
16
U1
1
PA2423U
-
6-QFN
-
-
-
Table 3: PA2423U Bill of Materials Alternate Component Supplier



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com