Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70JW Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70JW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70JW Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70JW Datasheet HTML 1Page - Diodes Incorporated BAS70JW Datasheet HTML 2Page - Diodes Incorporated BAS70JW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30188 Rev. 10 - 2
1 of 3
BAS70JW
www.diodes.com
ã Diodes Incorporated
BAS70JW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Features
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Please see Ordering Information, Note 5, on
Page 3
·
Orientation: See Diagram
·
Marking: K78 (See Page 3)
·
Weight: 0.006 grams (approximate)
Mechanical Data
Maximum Ratings
·
Low Forward Voltage Drop
·
Fast Switching
·
Ultra-Small Surface Mount Package
·
PN Junction Guard Ring for Transient and ESD Protection
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Forward Continuous Current (Note 1)
IFM
70
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
100
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj
TSTG
-55 to +125
-65 to +125
°C
A
M
J
L
D
B C
H
K
G
F
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
70
¾
V
IR = 10
mA
Forward Voltage
VF
¾
410
1000
mV
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Reverse Current (Note 2)
IR
¾
100
nA
tp < 300µs, VR = 50V
Total Capacitance
CT
¾
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
Irr = 0.1 x IR, RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
C
1
A
2
A
1
C
2
(Jumper
connection
between
middle pins)
@ TA = 25
°C unless otherwise specified
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
Notes: 1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
TOP VIEW
SPICE MODELS: BAS70JW


Similar Part No. - BAS70JW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
BAS70JW DIODES-BAS70JW Datasheet
128Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 13 - 2 June 2008
BAS70JW-7-F DIODES-BAS70JW-7-F Datasheet
128Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 13 - 2 June 2008
BAS70JW DIODES-BAS70JW_08 Datasheet
128Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 13 - 2 June 2008
More results

Similar Description - BAS70JW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com