Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC847BS
Description  DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BS Datasheet(HTML) 2 Page - Diodes Incorporated

  BC847BS Datasheet HTML 1Page - Diodes Incorporated BC847BS Datasheet HTML 2Page - Diodes Incorporated BC847BS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30222 Rev. 9 - 2
2 of 3
BC847BS
www.diodes.com
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DC Current Gain (Note 3)
hFE
200
—
450
—
VCE = 5.0V, IC = 2.0mA
Collector-Emitter Saturation Voltage (Note 3)
VCE(SAT)
—
—
—
100
400
mV
IC = 10mA, IB = 0.5mA
IC = 100mA, IB = 5.0mA
Base-Emitter Saturation Voltage (Note 3)
VBE(SAT)
—
755
—
mV
IC = 10mA, IB = 0.5mA
Base-Emitter Voltage (Note 3)
VBE
580
665
700
mV
VCE = 5.0V, IC = 2.0mA
Collector Cutoff Current (Note 3)
ICBO
ICBO
—
—
—
15
5.0
nA
µA
VCB = 30V, IE = 0
VCB = 30V, Tj = 125°C
Emitter Cutoff Current (Note 3)
IEBO
—
—
100
nA
VEB = 5.0V, IC = 0
Gain Bandwidth Product
fT
100
—
—
MHz
VCE = 5.0V, IC = 10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—
—
1.5
pF
VCB = 10V, f = 1.0MHz
Emitter-Base Capacitance
CEBO
—
11
—
pF
VEB = 0.5V, f = 1.0MHz
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
K1F = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
K1F
YM
Marking Information
Notes: 3. Short duration pulse test used to minimize self-heating effect.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
BC847BS-7-F
SOT-363
3000/Tape & Reel
Ordering Information (Note 4)
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com