Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMS05 Datasheet(PDF) 2 Page - Protek Devices

Part # PSMS05
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSMS05 Datasheet(HTML) 2 Page - Protek Devices

  PSMS05_07 Datasheet HTML 1Page - Protek Devices PSMS05_07 Datasheet HTML 2Page - Protek Devices PSMS05_07 Datasheet HTML 3Page - Protek Devices PSMS05_07 Datasheet HTML 4Page - Protek Devices PSMS05_07 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PSMS05
thru
PSMS24C
2
05095.R5 3/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Note 1: Part numbers with an additional “C” suffix are bidirectional devices, i.e., PSMS05C.
Note 2:
Unidirectional Only: Test between pin 1 to 2 or 5, 4 to 2 or 5, 6 to 2 or 5, 3 to 2 or 5.
Note 3:
Bidirectional Only: Test between pin 5 to 1 or 3 or 4 or 6. Electrical characteristics apply in both directions.
Note 4:
Unidirectional Only: Capacitance measured between pins 1, 3, 4, 6, to 2.
PART
NUMBER
(See Notes 1-3)
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
(See Note 4)
0V @ 1 MHz
Cj
pF
PSMS05
PSMS05C
PSMS12
PSMS12C
PSMS15
PSMS15C
PSMS24
PSMS24C
PRH
PRL
PRI
PRM
PRJ
PRN
PRK
PRO
6.0
6.0
13.3
13.3
16.7
16.7
26.7
26.7
9.8
9.8
19
19
24
24
43
43
21.0V @ 17.0A
21.0V @ 17.0A
29.2V @ 12.0A
29.2V @ 12.0A
34.6V @ 10.0A
34.6V @ 10.0A
58.3V @ 6.0A
58.3V @ 6.0A
150
150
80
80
50
50
40
40
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
20
20
1
1
1
1
1
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
5.0
12.0
12.0
15.0
15.0
24.0
24.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Storage Temperature
SYMBOL
VALUE
°C
-55 to 150
UNITS
TSTG
PARAMETER
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
350
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
T
L
-55 to 150
°C
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.1
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
350W 8/20µs Waveform
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com