Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9306B Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV9306B
Description  Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9306B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV9306B Datasheet HTML 8Page - STMicroelectronics STV9306B Datasheet HTML 9Page - STMicroelectronics STV9306B Datasheet HTML 10Page - STMicroelectronics STV9306B Datasheet HTML 11Page - STMicroelectronics STV9306B Datasheet HTML 12Page - STMicroelectronics STV9306B Datasheet HTML 13Page - STMicroelectronics STV9306B Datasheet HTML 14Page - STMicroelectronics STV9306B Datasheet HTML 15Page - STMicroelectronics STV9306B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
STV9306B
Application Diagram
4
Application Diagram
Figure 25: STV9306B Application Diagram
V. YOKE
R = 9.6
L = 27 mH
I = 1.3 A
PP
100
0.9
100
10
12V
BCL
100 k
1 nF
68 k
12V
EW DIODE
MODULATOR
10 k
220 k
1
2
4
5
6
7
8
9
10
11
12
14
15
100nF
330nF
100 µF
1N4004
SCL
24 V
VSYNC
OVERSIZE
BLANKING
SCL
CRAMP
SDA
CHOLD
SYNC
VS
FLYBACK
GND
VOUT
VOPS
EWOUT
SENS2
EWFB
SENS1
BREATHING
S
T
V
9
3
0
6
BC557
1000 µF
B
100
SDA
100
470 µF
3
RSENS
3 W
470 µF
4.7
3 W
4.7
100 nF
47 µF
47 V
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com