Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10-5 Datasheet(PDF) 57 Page - Knowles Electronics

Part # AP10-5
Description  Introduction to Knowles Precision Devices
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNOWLES [Knowles Electronics]
Direct Link  http://www.knowles.com
Logo KNOWLES - Knowles Electronics

AP10-5 Datasheet(HTML) 57 Page - Knowles Electronics

Back Button AP10-5 Datasheet HTML 52Page - Knowles Electronics AP10-5 Datasheet HTML 53Page - Knowles Electronics AP10-5 Datasheet HTML 54Page - Knowles Electronics AP10-5 Datasheet HTML 55Page - Knowles Electronics AP10-5 Datasheet HTML 56Page - Knowles Electronics AP10-5 Datasheet HTML 57Page - Knowles Electronics AP10-5 Datasheet HTML 58Page - Knowles Electronics AP10-5 Datasheet HTML 59Page - Knowles Electronics AP10-5 Datasheet HTML 60Page - Knowles Electronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
www.knowlescapacitors.com
55
Non-Magnetic Fasteners and Hardware
Due to the severe non-magnetism requirements in the magnetic
resonance industries, we use only high purity metals that exhibit
no measurable magnetism. Commercial brass is simply not
acceptable for these applications. Our strict traceability and testing
regimes insure this essential parameter.
We can offer sizes, styles and lengths beyond those shown in the
tables below – such as Cheese Head, Round Head and Set Screws.
We also offer flat washers to complete your needs.
Countersunk Flat Head
Coils also require inserts, pins and other special shapes that are
custom-designed to the customer’s specific requirements. The
ability to quickly and precisely supply custom designs is part of our
heritage and we are eager to sample our high quality hardware
based on your requirements. As with the fasteners, we use only
high purity metals that exhibit no measurable magnetism.
Pan Head
2-56 Thread
48-109
5/64”
48-107
3/32”
48-105
3/16”
48-100
1/25”
48-106
5/16”
48-101
3/8”
48-102
1/2”
48-101
5/8”
48-104
3/4”
48-108
1”
48-500
Hex Nut
4-40 Thread
48-115
3/16”
48-110
1/4”
48-116
5/16”
48-111
3/8”
48-112
1/2”
48-117
5/8”
48-113
3/4”
48-114
1”
48-118
2”
48-501
Hex Nut
6-32 Thread
48-120
1/4”
48-124
3/16”
48-121
3/8”
48-122
1/2”
48-123
3/4”
48-125
1”
48-502
Hex Nut
8-32 Thread
48-130
1/4”
48-131
3/8”
48-132
1/2”
48-133
3/4”
48-503
Hex Nut
10-32 Thread
48-140
1/4”
48-141
3/8”
48-142
1/2”
48-143
5/8”
48-144
3/4”
48-145
1”
48-505
Hex Nut
1/4-20 Thread
48-150
3/8”
48-152
1/2”
48-151
1”
48-153
1-1/4”
48-506
Hex Nut
M2 x .4 Thread
48-300
6mm
48-301
12mm
48-302
16mm
48-600
Hex Nut
M2.5 x .45 Thread
48-310
8mm
48-601
Hex Nut
M3 x .5 Thread
48-320
5mm
48-321
6mm
48-322
7.5mm
48-323
8mm
48-324
10mm
48-325
12mm
48-326
16mm
48-327
20mm
48-602
Hex Nut
M4 x .7 Thread
48-330
8mm
48-331
10mm
48-332
12mm
48-333
16mm
48-334
20mm
48-335
25mm
48-603
Hex Nut
M5 x .8 Thread
48-340
8mm
48-341
10mm
48-342
12mm
48-343
16mm
48-344
20mm
48-345
25mm
48-604
Hex Nut
M2 x .4 Thread
48-400
5mm
48-401
10mm
48-600
Hex Nut
M3 x .5 Thread
48-415
6mm
48-410
8mm
48-411
10mm
48-412
12mm
48-413
16mm
48-414
20mm
48-602
Hex Nut
M4 x .7 Thread
48-420
8mm
48-421
10mm
48-422
12mm
48-423
16mm
48-424
20mm
48-603
Hex Nut
M5 x .8 Thread
48-430
8mm
48-431
10mm
48-432
12mm
48-433
16mm
48-434
20mm
48-435
25mm
48-604
Hex Nut
2-56 Thread
48-205
9/64”
48-203
3/16”
48-200
1/4”
48-204
3/8”
48-201
1/2”
48-202
1”
48-500
Hex Nut
4-40 Thread
48-210
1/4”
48-216
5/16”
48-211
3/8”
48-212
1/2”
48-213
3/4”
48-214
1”
48-215
1-1/4”
48-501
Hex Nut
6-32 Thread
48-220
1/4”
48-221
3/8”
48-228
7/16”
48-222
1/2”
48-223
3/4”
48-224
1”
48-225
1-1/4”
48-229
1-3/8”
48-226
1-1/2”
48-227
1-3/4”
48-502
Hex Nut
8-32 Thread
48-230
3/8”
48-231
1/2”
48-232
5/8”
48-233
3/4”
48-503
Hex Nut
10-32 Thread
48-240
3/8”
48-241
1/2”
48-242
5/8”
48-243
3/4”
48-244
1”
48-245
1-1/4”
48-505
Hex Nut
1/4-20 Thread
48-250
3/4”
48-506
Hex Nut
a Knowles Precision Devices brand
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com