Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DA1774S Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2DA1774S
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774S Datasheet(HTML) 2 Page - Diodes Incorporated

  2DA1774S Datasheet HTML 1Page - Diodes Incorporated 2DA1774S Datasheet HTML 2Page - Diodes Incorporated 2DA1774S Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30253 Rev. 7 - 2
2 of 3
2DA1774Q/R/S
www.diodes.com
1
0.1
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 2 Collector Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
C
I
B
=10
0
100
200
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve, Total Package
A
°
10
100
1000
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3, Gain Bandwidth Product vs Collector Current
C
V= 5V
CE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com