Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA5 Datasheet(PDF) 2 Page - TiMOTION Technology Co. Ltd.

Part # TA5
Description  TA5 series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA5 Datasheet(HTML) 2 Page - TiMOTION Technology Co. Ltd.

  TA5 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA5 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA5 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TA5 Load and Speed
CODE
Rated Load
Typical Current
at Rated Load
(A)
Typical Speed
Push N
No Load
(32V DC)
mm/s
Rated Load
(24V DC)
mm/s
Motor Speed (2600RPM)
A
750
3.8
43.2
23.6
C
5000
4
6.6
3.5
D
6000
4
5.4
2.5
E
3000
4
10.7
5.4
F
2500
4
15.8
7.8
G
2000
3.8
21.9
11.9
H
1200
4.2
32.8
17.8
J
3000
4.2
10.7
5
Motor Speed (3400RPM)
L
6000
4.8
7.2
3.5
M
3000
4.8
14.6
7.5
N
2500
4.8
21.4
10.8
O
2000
4.5
28.7
14.7
P
1200
5
43.2
20.8
Q
3000
5.2
14.6
6.8
S
750
4.5
56.7
30.5
T
5000
4.8
8.9
4.6
Note
1 The left diagram shows the
speed and current figures under
pushing condition.
2 Speed would be the same if
with 12V motor, but with double
current consumption.
Terms of Use
The user is responsible
for determining the suitability
of TiMOTION products for
a specific application.
Due to continuous development
in order to improve our products,
TiMOTION products are subject
to frequent modifications and
changes without prior notice.
TiMOTION reserves the right
to discontinue the sale of any
products displayed on its website
or listed in its catalogue or other
written materials drawn up by
TiMOTION.
Dimension Standard
Drawing
104
66
10
M10
R16
84.8
C=B+47
B(B-A=stroke)
A=157
104
66
10
M10
R16
84.8
C=B+47
B(B-A=stroke)
A=157



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com