Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS16T
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS16T Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS16T Datasheet HTML 1Page - Diodes Incorporated BAS16T Datasheet HTML 2Page - Diodes Incorporated BAS16T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30260 Rev. 7 - 2
1 of 3
BAS16T, BAW56T, BAV70T, BAV99T
www.diodes.com
ã Diodes Incorporated
BAS16T, BAW56T, BAV70T,
SURFACE MOUNT FAST SWITCHING DIODE
·
Case: SOT-523, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish).
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 3
·
Ordering Information, see Page 2
·
Weight: 0.002 grams (approximate)
Mechanical Data
A
M
J
L
D
B C
H
K
G
TOP VIEW
C
E
B
N
Features
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current (Note 2)
Single diode
Double diode
IFM
155
75
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Power Dissipation (Note 2)
Pd
150
mW
Thermal Resistance Junction to Ambient (Note 2)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
BAV99T Marking: JE
BAV70T Marking: JJ
BAW56T Marking: JD
BAS16T Marking: A2
BAV99T
·
Ultra-Small Surface Mount Package
·
Fast Switching Speed
·
For General Purpose Switching Applications
·
High Conductance
·
Lead Free/RoHS Compliant (Note 1)
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0
°
8
°¾
All Dimensions in mm
Notes:
1. No purposefully added lead.
2. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
SPICE MODELS: BAS16T BAW56T BAV70T BAV99T


Similar Part No. - BAS16T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16T PHILIPS-BAS16T Datasheet
72Kb / 12P
High-speed diode
1998 Jan 20
logo
Diodes Incorporated
BAS16T DIODES-BAS16T Datasheet
200Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Weitron Technology
BAS16T WEITRON-BAS16T Datasheet
265Kb / 3P
Surface Mount Switching Diodes
logo
TRANSYS Electronics Lim...
BAS16T TEL-BAS16T Datasheet
74Kb / 2P
Plastic-Encapsulated Diodes
logo
Guangdong Kexin Industr...
BAS16T KEXIN-BAS16T Datasheet
34Kb / 1P
Switching Diode
More results

Similar Description - BAS16T

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com