Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS40T
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40T Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS40T Datasheet HTML 1Page - Diodes Incorporated BAS40T Datasheet HTML 2Page - Diodes Incorporated BAS40T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30265 Rev. 10 - 2
2 of 3
BAS40T/-04T/-05T/-06T
www.diodes.com
Ordering Information (Note 4)
Device
Packaging
Shipping
BAS40T-7-F
SOT-523
3000/Tape & Reel
BAS40-04T-7-F
SOT-523
3000/Tape & Reel
BAS40-05T-7-F
SOT-523
3000/Tape & Reel
BAS40-06T-7-F
SOT-523
3000/Tape & Reel
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXYM
XX = Product Type Marking Code (See Page 1, e.g. 43 = BAS40T)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Date Code Key
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
0
120
40
80
160
200
T , AMBIENT TEMPERATURE (ºC)
Fig. 4 Power Derating Curve, Total Package
A
0
50
100
150
200
0
1
3
2
0
10
20
40
30
V , REVERSE VOLTAGE (V)
Fig.3 Typical Capacitance
R
f=1MHz
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.1 Typical Forward Voltage
F
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
0.1
1
10
100
1000
10000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 0ºC
A
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
MN
P
R
S
T
U
VW
X
Y
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com