Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3265 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 2SC3265
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

2SC3265 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  2SC3265 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 2SC3265 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 2SC3265 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
10
100
0
100
200
300
400
1
10
100
10
100
0.1
1
10
1
10
100
200
400
0
25
50
75
100
125
150
0
50
100
150
200
250
0.2
0.4
0.6
0.8
1.0
1.2
1
10
100
1
10
100
0.0
0.4
0.8
1.2
0.0
0.5
1.0
1.5
2.0
2.5
0
40
80
120
160
800
f
T
——
I
C
h
FE
——
COMMON EMITTER
V
CE=1V
30
300
3
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
β=25
T
a=25
℃
T
a=100
℃
I
C
V
CEsat
——
600
300
10
30
100
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
100
5
30
V
CE=5V
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
Typical Characterisitics
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
T
a
800
800
V
BE
I
C
——
300
30
3
T
a=25
℃
T
a=100
℃
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
800
30
3
β=25
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
300
I
C
V
BEsat
——
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
100uA
I
B=50uA
COMMON
EMITTER
T
a=25
℃
www.umw-ic.com
2
友台半导体有限公司
SOT-23 Plastic-Encapsulate Transistors
UMW
R
UMW 2SC3265



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com