Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78D09 Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 78D09
Description  The 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

78D09 Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

  78D09 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Electrical Characteristics(78D12)
(Refer to the test circuits, 0 < TJ < +125°C, IO=350mA, VI=19V, unless otherwise specified,
CI = 0.33μF, CO=0.1μF)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Output Voltage
VO
IO= 5mA~350mA
VI=14.5~27V
11.4
12
12.6
V
Line Regulation(Note)
△V
O
IO = 200mA
Tj
=25°C
VI=14.5V~30V
100
mV
VI=16V~30V
50
Load Regulation(Note)
△V
O
Tj
=25°C
IO= 5mA~500mA
240
mV
IO= 5mA~200mA
120
Quiescent Current
IQ
Tj
=25°C
8.0
mA
Quiescent Current Change
△I
Q
IO=5mA~350mA
0.5
mA
IO = 200mA,VI=14.5~30V
0.8
Output Voltage Drift
△V /△T
IO = 5mA ,Tj = 0
~125°C
-0.8
mV/°C
Output Noise Voltage
VN
f
=10HZ~100KHZ
75
μV
Ripple Rejection
RR
f = 120Hz, VI = 15~ 25V
80
dB
Dropout Voltage
VD
T j =25°C, IO = 500mA
2
V
Short Circuit Current
ISC
T j =25
, VI= 35V
800
mA
Peak Current
IPK
T j
=25°C
900
mA
Notes:
Load and line regulation are specified at constant junction temperature. Change in Vo due to heating
effects must be taken into account separately. Pulse testing with low duty is used.
6
6
www.umw-ic.com
友台半导体有限公司
www.umw-ic.com
友台半导体有限公司
78DXX
UMW
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com